PART |
Description |
Maker |
52892-2695-C |
CONN FPC 26POS .5MM SMD R/A ZIF
|
Molex
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
51374-1573 51374-1373 |
0.5 FPC Conn Hsg Assy 15Ckt EmbsTp Pkg 15 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 0.5 FPC Conn Hsg Assy 13Ckt EmbsTp Pkg 13 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
52808-0471 52808-1771 0528081271 0528082271 52808- |
1.0 FFC Non ZIF HsgAssy4CktW/TpEmbsTpPkg 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FFC Non ZIFHsgAssy17CktW/TpEmbsTpPkg 17 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 12 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC CONN ZIF FOR SMT (ST)WITH TAPE -LEAD FREE- 1.0 FFC CONN. NON Z.I.F. SMT. ST. (WITH TAPE)
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
52559-1292 52559-1092 52559-0692 |
0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
|
Molex Electronics Ltd.
|
0514412293 0514410893 |
0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
|
Molex Electronics Ltd.
|
0512964093 |
0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
|
Molex Electronics Ltd.
|
54104-3292 |
0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
|
Molex Electronics Ltd.
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
52207-1585 52207-2885 52207-2985 52207-1785 52207- |
CONN,FFC,1MM OC,15POSRA(SM\CONRA\15P\1MM) 15 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 28Ckt EmbsTpPkg 28 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 29Ckt EmbsTpPkg 29 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 17Ckt EmbsTpPkg 17 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 7Ckt EmbsTpPkg 7 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT PC Board Connector; Number of Contacts:16; Pitch Spacing:1.00mm; Number of Rows:1; Mounting Type:PCB Right Angle Surface Mount; Body Material:PA Polyamide (Nylon) 4/6; Contact Finish:Tin/Bismuth Over Nickel
|
Molex, Inc. MOLEX INC
|
FH41-68S-0.5SH FH41-40S-0.5SH FH41-50S-0.5SH FH41- |
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC 50 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Hirose Electric
|
|